Part Number Hot Search : 
2SB786 BAT54 S510B TMP95C 1N538 60041 CKFIAAAA K2200
Product Description
Full Text Search
 

To Download SMBJ22CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0(C)A - SMBJ170(C)A
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * * 600W Peak Pulse Power Dissipation 5.0V - 170V Standoff Voltages Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Material - UL Flammability Classification Rating 94V-0 Case: SMB, Transfer Molded Epoxy Terminals: Solderable per MIL-STD-202, Method 208 Polarity Indicator: Cathode Band (Note: Bi-directional devices have no polarity indicator.) Marking: Date Code and Marking Code See Page 3 Weight: 0.1 grams (approx.) Ordering Info: See Page 3
@ TA = 25C unless otherwise specified Symbol PPK IFSM VF Tj, TSTG Value 600 100 3.5 5.0 -55 to +150 Unit W A V V C
B
Dim A
SMB Min 3.30 4.06 1.91 0.15 5.00 0.10 0.76 2.00 Max 3.94 4.70 2.21 0.31 5.59 0.20 1.52 2.62
A
C
B C D
Mechanical Data
* * * * * *
D
J
E G H J
H
G E
All Dimensions in mm
Maximum Ratings
Characteristic Peak Pulse Power Dissipation (Non repetitive current pulse derated above T = 25C) A (Note 1) Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3) Instantaneous Forward Voltage @ IPP = 35A VBR<100V (Notes 1, 2, & 3) V 100V BR Operating and Storage Temperature Range Notes:
1. Valid provided that terminals are kept at ambient temperature. 2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. 3. Unidirectional units only.
DS19002 Rev. 11 - 2
1 of 3
SMBJ5.0(C)A - SMBJ170(C)A
Part Number Add C For Bi-Directional (Note 4) SMBJ5.0(C)A SMBJ6.0(C)A SMBJ6.5(C)A SMBJ7.0(C)A SMBJ7.5(C)A SMBJ8.0(C)A SMBJ8.5(C)A SMBJ9.0(C)A SMBJ10(C)A SMBJ11(C)A SMBJ12(C)A SMBJ13(C)A SMBJ14(C)A SMBJ15(C)A SMBJ16(C)A SMBJ17(C)A SMBJ18(C)A SMBJ20(C)A SMBJ22(C)A SMBJ24(C)A SMBJ26(C)A SMBJ28(C)A SMBJ30(C)A SMBJ33(C)A SMBJ36(C)A SMBJ40(C)A SMBJ43(C)A SMBJ45(C)A SMBJ48(C)A SMBJ51(C)A SMBJ54(C)A SMBJ58(C)A SMBJ60(C)A SMBJ64(C)A SMBJ70(C)A SMBJ75(C)A SMBJ78(C)A SMBJ85(C)A SMBJ90(C)A SMBJ100(C)A SMBJ110(C)A SMBJ120(C)A SMBJ130(C)A SMBJ150(C)A SMBJ160(C)A SMBJ170(C)A
Reverse Standoff Voltage VRWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0
Breakdown Voltage VBR @ IT (Note 5) Min (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 Max (V) 7.23 7.67 8.30 8.95 9.58 10.23 10.82 11.50 12.80 14.40 15.30 16.50 17.90 19.20 20.50 21.70 23.30 25.50 28.00 30.70 33.20 35.80 38.30 42.20 46.00 51.10 54.90 57.50 61.30 65.20 69.00 74.60 76.70 81.80 89.50 95.80 99.70 108.20 115.50 128.00 140.00 153.00 165.50 192.50 205.00 217.50
Test Current IT(mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Reverse Leakage @ VRWM(Note 6) IR (mA) 800 800 500 200 100 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max. Clamping Max. Peak Pulse Current Voltage @ Ipp Ipp VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 (A) 65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.8 24.0 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
Marking Code BIAE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR BT BV BX BZ CE CG CK CM CP CR CT CV CX CZ DE DG DK DM DP DR DT DV DX DZ EE EG EK EM EP ER UNIKE KG KK KM KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM MP MR MT MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR
Notes:
4. Suffix C denotes Bi-directional device. 5. VBR measured with IT current pulse = 300ms 6. For Bi-Directional devices havingVRWM of 10V and under, the IR is doubled.
DS19002 Rev. 11 - 2
2 of 3
SMBJ5.0(C)A - SMBJ170(C)A
100
10,000
Measured at zero bias
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
Cj, CAPACITANCE (pF)
75
1000
Uni-directional
50
100
Bi-directional
25
10 X 1000 Waveform as defined by REA
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Pulse Derating Curve
100
10
Tj = 25C f = 1.0 MHz Vsig = 50 mV p-p
1
10
100
1000
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
IP, PEAK PULSE CURRENT (%Ipp)
Pd, PEAK PULSE POWER (kW)
Tj = 25C
Non Repetitive Pulse Waveform Shown in Fig. 4
100
tr = 10ms Peak Value Ipp
10
Half Value Ipp/2
50
1.0
tp
0.1 0.1 1.0 10 100 1000 10000
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
tp PULSE WIDTH (ms) Fig. 3 Pulse Rating Curve
t, TIME (ms) Fig. 4 Pulse Waveform
Ordering Information
Device
(Note 4) Packaging SMB Shipping 5000/Tape & Reel
SMBJXXX(C)A-13 Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YWW XX
XX = Product type marking code (See Page 2) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
DS19002 Rev. 11 - 2
3 of 3
SMBJ5.0(C)A - SMBJ170(C)A


▲Up To Search▲   

 
Price & Availability of SMBJ22CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X